PART |
Description |
Maker |
ATF1502AS-7JX44 ATF1502AS-10AU44 |
Highperformance EEPROM CPLD
|
ATMEL Corporation
|
BC328-16/E6 BC328/E6 BC328-40/E6 BC327/E6 BC327-40 |
IC MAX 7000 CPLD 64 100-TQFP MAX II CPLD 570 LE 256-FBGA MAX II CPLD 570 LE 100-TQFP MAX 7000 CPLD 192 MC 160-PQFP MAX 7000 CPLD 32 MC 44-TQFP MAX 3000A CPLD 32 MC 44-TQFP MAX 7000 CPLD 256 MC 100-FBGA 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 800mA的一(c)|26AA 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
Mitsubishi Electric, Corp. VISHAY SEMICONDUCTORS
|
XCR5128-7TQ128C XCR5128-7TQ128I XCR5128-7VQ100I XC |
128 Macrocell CPLD EE PLD, 9.5 ns, PQFP160 128 Macrocell CPLD EE PLD, 9.5 ns, PQFP100 128 Macrocell CPLD 128个宏单元CPLD 128 Macrocell CPLD EE PLD, 12 ns, PQFP128 128 Macrocell CPLD EE PLD, 14.5 ns, PQFP128 128 Macrocell CPLD EE PLD, 17.5 ns, PQCC84 128 Macrocell CPLD EE PLD, 12 ns, PQFP100
|
Xilinx, Inc.
|
ST49C101A-07 ST49C101A-09 ST49C101A-01 ST49C101A-0 |
MAX II CPLD 240 LE 100-MBGA MAX II CPLD 2210 LE 256-FBGA MAX II CPLD 570 LE 256-FBGA MAX II CPLD 2210 LE 324-FBGA MAX II CPLD 570 LE 100-FBGA MAX II CPLD 240 LE 100-FBGA 变频
|
ALPS Electric Co., Ltd.
|
XC2C64A-5VQG44C XC2C64A-7VQG100C XC2C64A-5VQG100C |
XC2C64A CoolRunner-II CPLD 64 MACROCELL 1.8V ZERO POWER ISP CPLD FLASH PLD, 5 ns, PQFP44
|
XILINX INC Xilinx, Inc.
|
ST49C101ACF8-04 ST49C101ACP8-03 ST49C101ACP8-01 ST |
MAX II CPLD 570 LE 256-FBGA MAX II CPLD 570 LE 256-MBGA MAX II CPLD 570 LE 144-TQFP 变频
|
ALPS Electric Co., Ltd.
|
DS023 XCR3032XL XCR3032XL-7 XCR3032XL-10 XCR3032XL |
Lowest power 32 macrocell CPLD XCR3032XL 32 Macrocell CPLD
|
XILINX[Xilinx, Inc] XILINX[Xilinx Inc] Xilinx, Inc.
|
XC9572XL-10CSG48C XC9572XL-10CSG48I XC9572XL-10PCG |
High Performance CPLD FLASH PLD, 10 ns, PQFP64 High Performance CPLD FLASH PLD, 10 ns, PQFP100 High Performance CPLD FLASH PLD, 10 ns, PQCC44 High Performance CPLD FLASH PLD, 5 ns, PQFP100 High Performance CPLD FLASH PLD, 10 ns, PBGA48 High Performance CPLD
|
Xilinx, Inc.
|
ATF22V10CQZ-20PU |
Highperformance EE PLD
|
ATMEL Corporation
|
ATF1508AS-10JL84 ATF1508AS-10AL100 ATF1508AS-10AU1 |
Highperformance EE PLD
|
ATMEL Corporation
|
ATF22LV10CQZ-30JC ATF22LV10CQZ-30JI ATF22LV10CQZ-3 |
Highperformance EE PLD
|
ATMEL Corporation
|
ST4842XCQQ ST2642XCVV ST2642XCNV ST2731XCVV ST4742 |
IC MAX 9000 CPLD 560 208-RQFP FPGA, FLEX 10KV, 50K GATES, RQFP240; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K50V; Voltage, supply:3.3V; Case style FPGA, FLEX 10KA, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10A; Voltage, supply:3.3V; Case style ACEX 1K FPGA, 30K, 1K30, PQFP208; Logic IC family:Programmable; Logic IC Base Number:30; Logic IC function:Programmable; Case style:PQFP; Base number CPLD. MAX 7000, 256 MACROCELLS, PQFP208; Logic IC family:CPLD (EPLD); Logic IC Base Number:7256; Logic IC function:EPM7256AE; Voltage, supply:3.3V FPGA, ACEX 1K, 10K GATES, TQFP100; Logic IC family:Programmable; Logic IC Base Number:10; Logic IC function:EP1K10; Voltage, supply:2.50V; Case style:TQFP; Base number:1; Gates, No. of:10000; I/O lines, No. of:66; IC Generic RoHS Compliant: Yes MAX 3000A CPLD 128 MC 144-TQFP MAX 3000A CPLD 32 MC 44-PLCC MAX II CPLD 1270 LE 256-FBGA CPLD. MAX 7000, 192 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7192; Logic IC function:EPM7192S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3750; I/O lines, No. of:124; Macrocells, No. of:192; RoHS Compliant: Yes MAX II CPLD 240 LE 100-TQFP MAX 7000 CPLD 32 MC 44-PLCC CPLD 256CELLS 161/O 10NS [256/FBGA] CPLD. MAX 7000, 160 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7160; Logic IC function:EPM7160S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3200; I/O lines, No. of:104; Macrocells, No. of:160; RoHS Compliant: Yes IC ACEX 1K FPGA 50K 256-FBGA 通信集成电路 IC ACEX 1K FPGA 30K 208-PQFP 通信集成电路
|
Carlo Gavazzi
|
|